Electronic Components Datasheet Search
  English  ▼

X  

HF3 01 Datasheet (PDF) - TE Connectivity Ltd

HF3 01 Datasheet PDF - TE Connectivity Ltd
Part # HF3 01
Download  HF3 01 Download
File Size   790.2 Kbytes
Page   6 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description RF Signal Relays

HF3 01 Datasheet (PDF)

Go To PDF Page Download Datasheet
HF3 01 Datasheet PDF - TE Connectivity Ltd

Part # HF3 01
Download  HF3 01 Click to download

File Size   790.2 Kbytes
Page   6 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description RF Signal Relays

HF3 01 Datasheet (HTML) - TE Connectivity Ltd


HF3 01 Product details

n Y-Design
n Frequency range DC to 3GHz
n Impedance 50Ω or 75Ω
n Small dimensions (14.6x7.2x10mm)
n 1 form C contact (1 changeover contact)
n Immersion cleanable
n Low power consumption (≤140mW)




Similar Part No. - HF3 01

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HF3 MACOM-HF3 Datasheet
1Mb / 12P
Signal and RF Relays
logo
TE Connectivity Ltd
HF3 TEC-HF3 Datasheet
790Kb / 6P
Frequency range DC to 3GHz
logo
Hirose Electric
HF3-10CVFA HIROSE-HF3-10CVFA Datasheet
239Kb / 5P
Cover (HIF3B Series) against EMI (Electromagnetic Interference)
HF3-16CVFA HIROSE-HF3-16CVFA Datasheet
239Kb / 5P
Cover (HIF3B Series) against EMI (Electromagnetic Interference)
HF3-20CVFA HIROSE-HF3-20CVFA Datasheet
239Kb / 5P
Cover (HIF3B Series) against EMI (Electromagnetic Interference)
More results


Similar Description - HF3 01

ManufacturerPart #DatasheetDescription
logo
Coto Technology
B10 COTO-B10 Datasheet
87Kb / 2P
RF Relays
logo
Tyco Electronics
HF3 MACOM-HF3 Datasheet
1Mb / 12P
Signal and RF Relays
logo
RHOPOINT COMPONENTS
B10 RHOPOINT-B10 Datasheet
122Kb / 2P
RF Relays
logo
Tyco Electronics
9-1462038-9 MACOM-9-1462038-9 Datasheet
3Mb / 7P
Signal Relays
V23079A1005B301 MACOM-V23079A1005B301 Datasheet
2Mb / 8P
Signal Relays
1-1462051-2 MACOM-1-1462051-2 Datasheet
645Kb / 6P
RF Signal Relays
4-1393789-5 MACOM-4-1393789-5 Datasheet
1Mb / 8P
Signal Relays
logo
List of Unclassifed Man...
1462050-2 ETC2-1462050-2 Datasheet
645Kb / 6P
RF Signal Relays
logo
TE Connectivity Ltd
IM-B TEC-IM-B Datasheet
2Mb / 4P
Signal Relays
logo
List of Unclassifed Man...
HRA ETC1-HRA Datasheet
400Kb / 3P
Signal Relays
29/06/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com